PART |
Description |
Maker |
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
HI3-0201HS4 HI3-0201HS5 HI1-0201HS2 HI1-0201HS5 HI |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 536-0414-4 90; Contact Mating Area Plating: Tin Interface IC 接口IC
|
Intersil, Corp.
|
ZTX601A ZTX600Z ZTX600AZ ZTX600BZ ZTX601B |
Discrete - Bipolar Transistors - Darlington Transistors - ZTX600B(Z) Discrete - Bipolar Transistors - Darlington Transistors - ZTX600A(Z) Discrete - Bipolar Transistors - Darlington Transistors - ZTX600(Z) NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
|
Diodes List of Unclassifed Manufacturers
|
HGT2100-100 HGT2100-1000 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0684-7 53; Contact Mating Area Plating: Gold 工业控制IC Industrial Control IC 工业控制IC
|
IDEC, Corp.
|
15ETH06 15ETH06-1 15ETH06S 15ETH06FP |
Hyperfast Rectifier Hyperfast整流 600V 15A Hyperfast Discrete Diode in a TO-220 FullPack package 600V5A条Hyperfast分立二极管采TO - 220 FullPack 600V 15A HyperFast Discrete Diode in a TO-220AC package 600V 15A HyperFast Discrete Diode in a TO-262 package 600V 15A HyperFast Discrete Diode in a D2-Pak (UltraFast) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
6833 7100 7101 3102 7102 |
T- Subminiature Lamps Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 541-0262-3 06; Connector Type: Wire; Contact Gender Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 541-0222-9 00; Connector Type: Wire; Contact Gender
|
International Light Technologies Inc.
|
8TQ080S 8TQ100S 8TQ 8TQ10 8TQ100STRR 8TQ080STRR |
16 A SPDT MINIATURE POWER RELAY SCHOTTKY RECTIFIER 100V 8A Schottky Discrete Diode in a D2-Pak package 80V 8A Schottky Discrete Diode in a D2-Pak package
|
IRF[International Rectifier]
|
HG62G014-DIE HG62G027-QFP80P HG62G035-QFP80P HG62G |
Pin header, Discrete wire IDC connection (for Bus line), Discrete wire connectors; HRS No: 541-0103-0 00; No. of Positions: 9; Operating Temperature Range (degrees C): -30 to 85; General Description: Accessory; IDC protector Pin header, Discrete wire IDC connection (for Bus line), Discrete wire connectors; HRS No: 541-0102-7 00; No. of Positions: 8; Operating Temperature Range (degrees C): -30 to 85; General Description: Accessory; IDC protector ASIC 专用集成电路
|
Cinch Connectors Everlight Electronic Co., Ltd. Yellow Stone, Corp.
|
3N206 3N205 BF800 BF804 BF803 BF805 BF801 BF802 |
Discrete Semiconductors Electrical Specifications at 25oC Discrete Semiconductors
|
American Microsemicondu...
|
15ETX06S 15ETX06 15ETX06-1 15ETX06FP |
15 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC Hyperfast Rectifier 600V 15A HyperFast Discrete Diode in a TO-220AC package 600V 15A HyperFast Discrete Diode in a TO-262 package 600V 15A HyperFast Discrete Diode in a TO-220 FullPack package
|
IRF[International Rectifier]
|
10DF 10DF6 10DF2 10DF4 10DF8 10DF8TR 10DF1 |
Ultra Fast Switching Rectifier(超快开关整流器) ULTRAFAST SWITCHING RECTIFIER 200V 1A Ultra-Fast Discrete Diode in a DO-204AL package 400V 1A Ultra-Fast Discrete Diode in a DO-204AL package 800V 1A Ultra-Fast Discrete Diode in a DO-204AL package
|
IRF[International Rectifier]
|